Part Number Hot Search : 
M3062LFG 78P2243 1027PCP7 19410 DM0265RN FRE9160H SGW10N60 4117A
Product Description
Full Text Search
 

To Download DS1210 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DS1210 Nonvolatile Controller Chip
www.dalsemi.com
FEATURES
Converts CMOS RAMs into nonvolatile memories Unconditionally write protects when VCC is out of tolerance Automatically switches to battery when power-fail occurs Space saving 8-pin DIP Consumes less than 100 nA of battery current Tests battery condition on power up Provides for redundant batteries Optional 5% or 10% power-fail detection Low forward voltage drop on the VCC switch Optional 16-pin SOIC surface mount package Optional industrial temperature range of -40C to +85C
PIN ASSIGNMENT
VCCO VBAT1 TOL GND 1 2 3 4 8 7 6 5 VCCI VBAT2 CEO CE
DS1210 8-pin DIP (300-mil) See Mech. Drawings Section NC VCCO NC VBAT1 NC TOL NC GND 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 NC VCCI NC VBAT2 NC CEO NC CE
DS1210S 16-pin SOIC (300-mil) See Mech. Drawings Section
PIN DESCRIPTION
VCCO VBAT1 TOL GND
CE CEO
VBAT2 VCCI NC
- RAM Supply - + Battery 1 - Power Supply Tolerance - Ground - Chip Enable Input - Chip Enable Output - + Battery 2 - + Supply - No Connect
DESCRIPTION
The DS1210 Nonvolatile Controller Chip is a CMOS circuit which solves the application problem of converting CMOS RAM into nonvolatile memory. Incoming power is monitored for an out-of-tolerance condition. When such a condition is detected, chip enable is inhibited to accomplish write protection and the battery is switched on to supply the RAM with uninterrupted power. Special circuitry uses a lowleakage CMOS process which affords precise voltage detection at extremely low battery consumption. The 8-pin DIP package keeps PC board real estate requirements to a minimum. By combining the DS1210 Nonvolatile Controller Chip with a CMOS memory and batteries, nonvolatile RAM operation can be achieved.
1 of 6
111899
DS1210
OPERATION
The DS1210 nonvolatile controller performs five circuit functions required to battery back up a RAM. First, a switch is provided to direct power from the battery or the incoming supply (VCCI) depending on which is greater. This switch has a voltage drop of less than 0.3V. The second function which the nonvolatile controller provides is power-fail detection. The DS1210 constantly monitors the incoming supply. When the supply goes out of tolerance a precision comparator detects power-fail and inhibits chip enable ( CEO ). The third function of write protection is accomplished by holding the CEO output signal to within 0.2 volts of the VCCI or battery supply. If CE input is low at the time power-fail detection occurs, the CEO output is kept in its present state until CE is returned high. The delay of write protection until the current memory cycle is completed prevents the corruption of data. Power-fail detection occurs in the range of 4.75 volts to 4.5 volts with the tolerance Pin 3 grounded. If Pin 3 in connected to VCCO, then power-fail detection occurs in the range of 4.5 volts to 4.25 volts. During nominal supply conditions CEO will follow CE with a maximum propagation delay of 20ns. The fourth function the DS1210 performs is a battery status warning so that potential data loss is avoided. Each time that the circuit is powered up the battery voltage is checked with a precision comparator. If the battery voltage is less than 2.0 volts, the second memory cycle is inhibited. Battery status can, therefore, be determined by performing a read cycle after power-up to any location in memory, verifying that memory location content. A subsequent write cycle can then be executed to the same memory location altering the data. If the next read cycle fails to verify the written data, then the batteries are less than 2.0V and data is in danger of being corrupted. The fifth function of the nonvolatile controller provides for battery redundancy. In many applications, data integrity is paramount. In these applications it is often desirable to use two batteries to ensure reliability. The DS1210 controller provides an internal isolation switch which allows the connection of two batteries. During battery backup operation the battery with the highest voltage is selected for use. If one battery should fail, the other will take over the load. The switch to a redundant battery is transparent to circuit operation and to the user. A battery status warning will occur when the battery in use falls below 2.0 volts. A grounded VBAT2 pin will not activate a battery-fail warning. In applications where battery redundancy is not required, a single battery should be connected to the BAT1 pin. The BAT2 battery pin must be grounded. The nonvolatile controller contains circuitry to turn off the battery backup. This is to maintain the battery(s) at its highest capacity until the equipment is powered up and valid data is written to the SRAM. While in the freshness seal mode the CEO and VCCO will be forced to VOL. When the batteries are first attached to one or both of the VBAT pins, VCCO will not provide battery back-up until VCCI exceeds VCCTP, as set by the TOL pin, and then falls below VBAT. Figure 1 shows a typical application incorporating the DS1210 in a microprocessor-based system. Section A shows the connections necessary to write protect the RAM when VCC is less than 4.75 volts and to back up the supply with batteries. Section B shows the use of the DS1210 to halt the processor when VCC is less than 4.75 volts and to delay its restart on power-up to prevent spurious writes.
2 of 6
DS1210
SECTION A - BATTERY BACKUP Figure 1
BATTERY BACKUP CURRENT DRAIN EXAMPLE
CONSUMPTION DS1210 IBAT RAM ICC02 Total Drain 100 nA 10 A 10.1 A
SECTION B - PROCESSOR RESET
3 of 6
DS1210
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground Operating Temperature Storage Temperature Soldering Temperature * -0.3V to +7.0V 0C to 70C -55C to +125C 260C for 10 seconds
This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operation sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
PARAMETER Pin 3 = GND Supply Voltage Pin 3 = VCCO Supply Voltage Logic 1 Input Logic 0 Input Battery Input SYMBOL VCCI VCCI VIH VIL VBAT1, VBAT2 MIN 4.75 4.5 2.2 -0.3 2.0 TYP 5.0 5.0 MAX 5.5 5.5 VCC+0.3 +0.8 4.0
(0C to 70C)
UNITS V V V V V NOTES 1 1 1 1 1, 2
(0C to 70C; VCCI = 4.75 to 5.5V PIN 3 = GND) DC ELECTRICAL CHARACTERISTICS (VCCI = 4.5 to 5.5V, PIN 3 = VCCO)
PARAMETER Supply Current Supply Voltage Supply Current Input Leakage Output Leakage CEO Output @ 2.4V CEO Output @ 0.4V VCC Trip Point (TOL=GND) VCC Trip Point (TOL=VCCO) SYMBOL ICCI VCCO ICCO1 IIL ILO IOH IOL VCCTP VCCTP MIN VCC-0.2 -1.0 -1.0 -1.0 4.50 4.25 4.62 4.37 80 +1.0 +1.0 4.0 4.74 4.49 TYP MAX 5 UNITS mA V mA A A mA mA V V NOTES 3 1 4
5 5 1 1
(0C to 70C; VCCI = < VBAT)
Output VBAT1 or VBAT2 Battery Current Battery Backup Current @ VCCO = VBAT - 0.3V
CEO
VOHL IBAT ICCO2
VBAT-0.2 100 50
V nA A
7 2, 3 6, 7
4 of 6
DS1210
CAPACITANCE
PARAMETER Input Capacitance Output Capacitance SYMBOL CIN COUT MIN TYP MAX 5 7
(TA = 25C)
UNITS pF pF NOTES
(0C to 70C; VCCI = 4.75V to 5.5V, PIN 3 = GND) (VCCI = 4.75V to 5.5V, PIN 3 = GND) AC ELECTRICAL CHARACTERISTICS
PARAMETER CE Propagation Delay CE High to Power-Fail SYMBOL tPD tPF MIN 5 TYP 10 MAX 20 0 UNITS ns ns NOTES 5
(0C to 70C; VCCI = 4.75V, PIN 3 = GND; VCCI < 4.5, PIN 3 = VCCO)
Recovery at Power Up VCC Slew Rate Power-Down VCC Slew Rate Power-Down VCC Slew Rate Power-Down CE Pulse Width tREC tF tFB tR tCE 2 300 10 0 80 125 ms s s s s
1.5
8
NOTES:
1. All voltages are referenced to ground. 2. Only one battery input is required. Unused battery inputs must be grounded. 3. Measured with VCCO and CEO open. 4. ICC01 is the maximum average load which the DS1210 can supply to the memories. 5. Measured with a load as shown in Figure 2. 6. ICC02 is the maximum average load current which the DS1210 can supply to the memories in the battery backup mode. 7. tCE max. must be met to ensure data integrity on power loss. 8. CEO can only sustain leakage current in the battery backup mode.
5 of 6
DS1210
TIMING DIAGRAM: POWER-UP
TIMING DIAGRAM: POWER-DOWN
OUTPUT LOAD Figure 2
6 of 6


▲Up To Search▲   

 
Price & Availability of DS1210

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X